Part Number Hot Search : 
KSH117 D348D 133BG 088526 JR25WPB BLM18P IMX27 LT5571
Product Description
Full Text Search
 

To Download PWC-PWC0805-100R-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Pulse Withstanding Chip Resistors
PWC Series * * * * * Higher power ratings Improved working voltage ratings Excellent pulse withstanding performance Sn/Pb or Pb-free wrap-around terminations Standard chip sizes available from 0805 to 2512
Electrical Data
Characteristic Resistance Range 1%, 5% 0.5% Power @ 70C Max Voltage Rating Absolute TCR Operating Temperature Thermal Impedance Pad/Trace Area Termination 220C/W 40mm2* 160C/W 125mm2* 125mW 150V 500mW 200V 1.0W to 10MW 10W to 1MW 1.0W 400V 2.0W 500V 0805 1206 2010 2512
<6W = 0 - 350ppm; 6W = 100ppm/C -55C to +155C 80C/W 250mm2* 40C/W 500mm2*
Wrap-around Sn/Pb or Pb-free with leach resistant Ni barrier
*Recommended minimum pad and adjacent trace area for each termination for rated power on FR4 PCB.
Environmental Data
Test Load life at rated power (1000 hours @ 70C) Overload (5.0 X rated power for 2512, 6.25 X rated power for other sizes, 5 secs) High temperature storage (1000 hours @ 155C) Moisture resistance Thermal shock Resistance to soldering heat
Note : 0.01W added for all resistance values <10W.
1
Maximum1 R 1.00% 1.00% 1.00% 1.00% 0.25% 0.25%
Typical R 0.25% 0.10% 0.20% 0.25% 0.05% 0.05%
General Note
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print.
Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
A subsidiary of TTelectronics plc PWC Series Issue January 2009
Pulse Withstanding Chip Resistors
Pulse Performance Data
Lighting Surge Resistors are tested in accordance with IEC 60 115-1 using both 1.2/50ms and 10/700ms pulse shapes. The limit of acceptance is a shift in resistance of less than 1% from the initial value.
1.2/50 S Lightning Surge
10000
2512 2010 1206 0805
Peak voltage (volts)
1000
100
10 1 10 100 1000 10000 100000 1000000 10000000 Resistance (ohms)
10/700 S Lightning Surge
10000
2512 2010
Peak Voltage (volts)
1000
1206 0805
100
10 1 10 100 1000 10000 100000 1000000 10000000 Resistance (ohms)
Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
PWC Series Issue January 2009
Pulse Withstanding Chip Resistors
Pulse Performance Data
Single impulse: The single impulse graph is the result of 50 impulses of rectangular shape applied at one minute intervals. The limit of acceptance was a shift in resistance of less than 1% from the initial value. The power applied was subject to the restrictions of the maximum permissible impulse voltage graph shown.
Single Pulse
1000
Pulse Power (watts)
100
10
2512 2010 1206
1
0.0001
0.001
0.01 Pulse duration (seconds)
0.1
1
0805
Continuous Pulses
100
Pulse Power (watts)
10
2512 2010
1
Continuous load due to repetitive pulses: The continuous load graph was obtained by applying repetitive rectangular pulses where the pulse period was adjusted so that the average power dissipated in the resistor was equal to its rated power at 70C. Again the limit of acceptance was a shift in resistance of less than 1% from the initial value.
1206 0805
0.1 0.0001
0.001
0.01 Pulse Duration (seconds)
0.1
1
Pulse Voltage
10000
Pulse Voltage (Volts)
1000
2512 2010 1206 0805
100
10 0.0001
0.001
0.01
0.1
1
Pulse Duration (seconds)
Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
PWC Series Issue January 2009
Pulse Withstanding Chip Resistors
Physical Data
L (mm) 0805 1206 2010 2.00.3 3.20.4 5.10.3 W (mm) 1.250.2 1.60.2 2.50.2 T max (mm) 0.6 0.7 0.8 A (mm) 0.30.15 0.40.2 0.60.3 B min (mm) 0.9 1.7 3.0 C (mm) 0.30.1 0.40.15 0.60.25 Weight (grams)
L
0.009
C
W
0.020
T
0.036
2512
6.50.3
3.20.2
0.8
0.60.3
4.4
0.60.25
0.055
A
Construction: Thick film resistor material, overglaze and organic protection are screen printed on a 96% alumina substrate. Wrap-around terminations have an electroplated nickel barrier and tin-lead solder or matte-tin finish, ensuring excellent leach resistance properties and solderability. Marking: Components are not marked. Reels are marked with type, value, tolerance, date code and quantity. Solvent resistance: The body protection is resistance to all normal industrial cleaning solvents suitable for printed circuits.
Power Derating Data
100
Ordering Data
Prefix Chip Type PWC - PWC 2512LF - 100R - F
PWC
% Of Rated P ower
Chip Size and Termination
50
10
0805 = Sn/Pb solder termination 0805LF = 100% Tin (pb-free) termination 1206 = Sn/Pb solder termination 1206LF = 100% Tin (pb-free) termination 2010 = Sn/Pb solder termination 2010LF = 100% Tin (pb-free) termination 2512 = Sn/Pb solder termination 2512LF = 100% Tin (pb-free) termination
25
70
155
Resistance Value (Use IEC62 code) Tolerance Code
Temperature in C
J = 5%; F = 1%; D = 0.5% For additional information or to discuss your specific requirements, please contact our Applications Team using the contact details below.
Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
PWC Series Issue January 2009


▲Up To Search▲   

 
Price & Availability of PWC-PWC0805-100R-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X